PART |
Description |
Maker |
MPAT-340420-20-10 MPAT-340420-20-15 MPAT-340420-30 |
3400 MHz - 4200 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 5845 MHz - 6430 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 11700 MHz - 12200 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 2000 MHz - 2200 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.7 dB INSERTION LOSS-MAX 17300 MHz - 18100 MHz RF/MICROWAVE FIXED ATTENUATOR, 3 dB INSERTION LOSS-MAX 17300 MHz - 17800 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.7 dB INSERTION LOSS-MAX 13750 MHz - 14500 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 12200 MHz - 12750 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 1500 MHz - 1800 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 7900 MHz - 8400 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX
|
MITEQ, Inc. MITEQ INC
|
PE7417-10 |
10 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
ATT-218F-52-NNN-02 ATT-218M-02-NNN-02 ATT-218M-52- |
0 MHz - 12400 MHz RF/MICROWAVE FIXED ATTENUATOR STAINLESS STEEL 0 MHz - 18000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 2000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 8000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
Central Technologies / CT Magnetics Bourns, Inc. Abracon, Corp. M/A-COM Technology Solutions, Inc.
|
PE7392-40 |
6 dB Fixed Attenuator, N Male To N Female Rated To 25 Watts Up To 4 GHz
|
Pasternack Enterprises, Inc.
|
PE7324-6 |
6 dB Fixed Attenuator, SMA Male To N Female Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises,...
|
PE7358-30 |
3 dB Fixed Attenuator, SMA Male To TNC Female Rated To 25 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE7355-50 |
50 dB Fixed Attenuator, SMA Male To 7/16 DIN Female Rated To 25 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE7329-20 |
20 dB Fixed Attenuator, N Female To SMA Male Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE7319-40 |
40 dB Fixed Attenuator, TNC Female To N Male Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE7319-20 |
20 dB Fixed Attenuator, TNC Female To N Male Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE7319-6 |
6 dB Fixed Attenuator, TNC Female To N Male Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|